PART |
Description |
Maker |
LBS06301 |
62.5MHz SAW Filter 1MHz Bandwidth
|
SIPAT Co,Ltd
|
LT1464A LT1464 146465F LT1464CS8TRPBF |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDSO8 From old datasheet system Dual Low Power 1MHz JFET Input Op Amp
|
Linear Technology, Corp.
|
ISL28236 |
5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps(5MHz,????簿瀵?建瀵硅建杈??-杈??(RRIO)杩??)
|
Intersil Corporation
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX8668ETEQ MAX8668ETEQT |
1.5MHz Dual Step-Down DC-DC Converters with Dual LDOs and Individual Enables
|
MAXIM - Dallas Semiconductor
|
MAX8667ETEAA MAX8667ETEAB MAX8667ETEAC MAX8667ETEC |
1.5MHz Dual Step-Down DC-DC Converters with Dual LDOs and Individual Enables
|
MAXIM[Maxim Integrated Products]
|
MAX8582ETB MAX8581ETB MAX8581 |
2.5MHz/1.5MHz Step-Down Converters with 60m ohm Bypass in TDFN for CDMA PA Power
|
MAXIM[Maxim Integrated Products]
|
AAT2511 AAT2511IWP AAT2511IWP-AA-T1 |
Dual 600mA, 1MHz Step-Down DC/DC Converter
|
Advanced Analogic Technologies
|
LBS27701 |
276.5MHz SAW Filter 5MHz Bandwidth
|
SIPAT Co,Ltd
|
LBS21701 |
217.5MHz SAW Filter 5MHz Bandwidth
|
SIPAT Co,Ltd
|
LBS31601 |
315.5MHz SAW Filter 5MHz Bandwidth
|
SIPAT Co,Ltd
|
LBT14802 |
147.5MHz SAW Filter 5MHz Bandwidth
|
SIPAT Co,Ltd
|